Part Number Hot Search : 
2N1671C 74HC16 SMM105 19381257 R1610 GW260111 1325H APU3048
Product Description
Full Text Search
 

To Download EPC3014 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Flyback Transformer
E L E CT R O N I C S I N C .
EPC3014
* Meets or Exceeds IEC742/TUV/VDE Specifications for * Creepage, Clearance and Dielectric Strength * Gapped Transformer *
Primary Specification
Inductance (mH 10%) @ 10 KHz 0.1 Vrms 1.38 Pins 14,8/13,9 1.91 Pins 14-8 .194 .016 .060 2.56 10% Max Pins 5-10 DCR ( Max.) Inductance Change @ .5 Adc 1 Sec. 4500
Magnetic Design @ P out : 37.4 Watts
Dielectric Rating (Vrms) 1 Sec. 500 Between Sec' Wdg's 1 Sec. 500 Between Pri. and Bias 10.34:1 Pins 14-8: 12-10 15.5:1 Pins 14-8: 1-7 15.5:1 Pins 14-8: 2-6 31.05:1 Pins 14-8: 5-3 1:1 Pins 14-8: 13-9 Turns Ratio
Pins Pins 12-10 1-7/2-6
Pins Pins 5-3 13-9
Pri. to all Sec. Wdg's
* Leakage Inductance : * 75 H Max. @ 100 KHz, 0.1 Vrms, Pins 14, 13 - 8, 9 with all windings shorted
Package
A Pin 1 I.D. 14,13 Primary 8,9 12 C Bias 10
Schematic
(12V) 5 4V, 350 mA 3 1,2 8V,4.5A 7,6
PCA EPC3014 Date Code
(0V)
Note : Pin #4 removed E F D HO Dim. A B C D E F G H I Min. -------------------
Dimensions
(Inches) Max. Nom. 1.500 1.465 1.250 ------------------1.200 .134 .200 1.00 .028 .028 (Millimeters) Min. Max. Nom. ------------------38.10 37.21 31.75 ------------------30.48 3.40 5.08 25.40 .700 .700
1 B 14
7 G 8
PCA ELECTRONICS, INC. 6799 SCHOENBORN ST. NORTH HILLS, CA 91343
CSC3014
Rev. 1
7/23/01
Product performance is limited to specified parameters. Data is subject to change without prior notice.
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pcainc.com


▲Up To Search▲   

 
Price & Availability of EPC3014

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X